Part Number Hot Search : 
25080VI RT1P136U EMZA350A 015001 EM48AM 9435B 001140 SKL32ASG
Product Description
Full Text Search
 

To Download SDR1030-4R7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % typ. frequency min. max. max. typ. (mhz) (mhz) ( ? ) (a) (a) sdr1030-2r7m 2.7 20 13 7.96 73.6 0.028 3.00 4.20 SDR1030-4R7M 4.7 20 13 7.96 49.5 0.040 2.60 3.50 sdr1030-6r8m 6.8 20 15 7.96 38.1 0.052 2.20 2.80 sdr1030-100m 10.0 20 15 2.52 33.1 0.064 2.00 2.40 sdr1030-150m 15.0 20 18 2.52 25.7 0.100 1.65 1.85 sdr1030-220m 22.0 20 20 2.52 22.3 0.145 1.38 1.60 sdr1030-330m 33.0 20 16 2.52 16.4 0.220 1.10 1.25 sdr1030-470m 47.0 20 10 2.52 14.2 0.270 0.96 1.10 sdr1030-680m 68.0 20 12 2.52 12.2 0.360 0.82 0.90 sdr1030-101k 100.0 10 14 0.796 9.3 0.540 0.70 0.75 sdr1030-151k 150.0 10 23 0.796 7.9 0.700 0.60 0.58 sdr1030-221k 220.0 10 23 0.796 6.2 1.150 0.46 0.48 sdr1030-331k 330.0 10 25 0.796 5.1 1.700 0.38 0.40 sdr1030-471k 470.0 10 20 0.796 3.8 2.250 0.28 0.32 sdr1030-681k 680.0 10 18 0.796 3.2 3.300 0.23 0.27 sdr1030-102k 1000.0 10 42 0.252 2.5 4.700 0.20 0.23 sdr1030 series - smd power inductors features available in e6 values current rating to 3.0 amps 3.0 mm height lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout 330 10.0 0.3 (.394 .012) 10.0 0.3 (.394 .012) 2.4 (.094) typ. 3.0 0.3 (.118 .012) 2.0 (.079) typ. 6.0 (.236) typ. general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ........................................ferrite dr wire ............enamelled copper wire 130 terminal.....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ..................30 ? max. at rated irms packaging ..................1000 pcs. per reel electrical schematic dimensions: mm (inches) 2.8 (.110) ref. 10.4 (.409) 2.4 (.094) ref. 2.4 (.094) ref. 5.6 (.220) ref. ref. 100 *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr1030 series - smd power inductors rev. 05/05 26 (1.02) 30.4 (1.20) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4 (.157) 16.0 (.63) 5.3 (.209) 24 (.945) end 330 330 330 qty: 1000 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SDR1030-4R7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X